Part Number Hot Search : 
101NQ04T CC300 29067202 0512S MJ10002 RN47A3JE TDA7464 RT500
Product Description
Full Text Search
 

To Download 5A8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
5A05 THRU 5A10
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
VOLTAGE50-1000V CURRENT5.0A
FEATURES
*High reliability *Low leakage *Low forward voltage drop *High current capability
DO-27
1.0(25.4) MIN. .375(9.5) .335(8.5) 1.0(25.4) MIN.
.052(1.3) .048(1.2)
DIA.
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 1.18 grams
.220(5.6) .187(5.0)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL 5A05 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Current .375"(9.5mm) lead length at TL=75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 5.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @ TA=25C VRRM VRMS VDC Io IFSM VF 50 35 50 5A1 100 70 100 5A2 200 140 200 5A4 400 280 400 5.0 150 1.0 10.0 500 30 40 30 pF
C/W
5A6 600 420 600
5A8 800 560 800
5A10 units 1000 700 1000
V
V V A A V
@ TA=100C IR Maximum Full Load Reverse Current Average, Full Cycle .375"(9.5mm) lead length at TL=75C CJ Typical Junction Capacitance (Note) RJA Typical Thermal Resistance Notes: Measured at 1MHz and applied reverse voltage of 4.0 volts
A
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of 5A8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X